Part Number Hot Search : 
SD114 S1503 MAX1287 A1009 MCP4011 10024 P1701U DTA115TL
Product Description
Full Text Search
 

To Download SL74HCT574N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL74HCT574
Octal 3-State Noninverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The SL74HCT574 is identical in pinout to the LS/ALS574. This device may be used as a level converter for interfacing TTL or NMOS outputs to High-Speed CMOS inputs. Data meeting the setup time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, all device outputs are forced to the high-impedance state; thus, data may be stored even when the outputs are not enabled. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION SL74HCT574N Plastic SL74HCT574D SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
PIN 20=VCC PIN 10 = GND Output Enable L L L H L,H, X Inputs Clock D H L X X Output Q H L no change Z
X = don't care Z = high impedance
System Logic Semiconductor
SLS
SL74HCT574
MAXIMUM RATINGS *
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, t f Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must be left open.
SLS
System Logic Semiconductor
SL74HCT574
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 2.0 2.0 0.8 0.8 4.4 5.4 3.98 0.1 0.1 0.26 0.1 0.5 85 C 2.0 2.0 0.8 0.8 4.4 5.4 3.84 0.1 0.1 0.33 1.0 5.0 125 C 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4 1.0 10 A A V Unit
VIH VIL VOH
Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA
4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5
V V V
VOL
Maximum Low-Level Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 6.0 mA
IIN IOZ
Maximum Input Leakage Current Maximum Three State Leakage Current
VIN=VCC or GND Output in High-Impedance State VIN =VIH or VIL VOUT= VCC or GND VIN=VCC or GND IOUT=0A VIN=2.4 V, Any One Input VIN=VCC or GND, Other Inputs IOUT=0A
ICC
Maximum Quiescent Supply Current (per Package) Additional Quiescent Supply Current
5.5
4.0
40
160
A
ICC
-55C
25C to 125C 2.4
mA
5.5
2.9
SLS
System Logic Semiconductor
SL74HCT574
AC ELECTRICAL CHARACTERISTICS(VCC =5.0 V 10%, CL=50pF,Input t r=t f=6.0 ns)
Guaranteed Limit Symbol fmax tPLH, t PHL tPLZ, t PHZ tPZH, t PZL tTLH, t THL CIN COUT Parameter Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Maximum Propagation Delay, Clock to Q (Figures 1 and 4) Maximum Propagation Delay, Output Enable to Q (Figures 2 and 5) Maximum Propagation Delay, Output Enable to Q (Figures 2 and 5) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Flip-Flop) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC 25 C to -55C 30 30 28 28 12 10 15 85C 24 38 35 35 15 10 15 125C 20 45 42 42 18 10 15 Unit MHz ns ns ns ns pF pF
Typical @25C,VCC=5.0 V 58 pF
TIMING REQUIREMENTS (VCC =5.0 V 10%, CL=50pF,Input t r=t f=6.0 ns)
Guaranteed Limit Symbol tSU th tw tr, tf Parameter Minimum Setup Time, Data to Clock (Figure 3) Minimum Hold Time, Clock to Data (Figure 3) Minimum Pulse Width, Clock (Figure 1) Maximum Input Rise and Fall Times (Figure 1) 25 C to -55C 10 5 15 500 85C 13 5 19 500 125C 15 5 22 500 Unit ns ns ns ns
SLS
System Logic Semiconductor
SL74HCT574
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
Figure 5. Test Circuit
EXPANDED LOGIC DIAGRAM
SLS
System Logic Semiconductor
SL74HCT574
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL74HCT574N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X